Part Number Hot Search : 
06031 4HC373D Y7C14 03CD030 X0405DF CA511 10202 MUR620CT
Product Description
Full Text Search
 

To Download CRSH2-8LEADFREE Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  description: the central semiconductor crsh2 series types are schottky barrier rectifiers mounted in an axial lead epoxy case using a metal to silicon junction to yield a low forward voltage drop. maximum ratings: (t a =25c unless otherwise noted) crsh2- symbol 2 3 4 5 6 8 10 units peak repetitive reverse voltage v rrm 20 30 40 50 60 80 100 v dc blocking voltage v r 20 30 40 50 60 80 100 v rms reverse voltage v r(rms) 14 21 28 35 42 56 70 v average forward current (t l =75c) i o 2.0 a peak forward surge current (8.3ms) i fsm 50 a operating and storage junction temperature t j , t stg -65 to +125 c thermal resistance ja 35 c/w electrical characteristics: (t a =25c unless otherwise noted) symbol test conditions typ max units i r v r =rated v rrm 0.5 ma i r v r =rated v rrm (t a =100c) 20 ma v f i f =2.0a (20v, 30v, 40v) 0.5 v v f i f =2.0a (50v, 60v) 0.7 v v f i f =2.0a (80v, 100v) 0.85 v c j v r =4.0, f=1.0mhz 170 pf crsh2 series schottky barrier rectifier 2.0 amps, 20 thru 100 volts case do-15 central semiconductor corp. tm r2 (24-october 2008) marking: full part number
central semiconductor corp. tm do-15 case - mechanical outline crsh2 series schottky barrier rectifier 2.0 amps, 20 thru 100 volts r2 (24-october 2008) marking: full part number


▲Up To Search▲   

 
Price & Availability of CRSH2-8LEADFREE

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X